Part Number Hot Search : 
R4000 VTD205 45M50B D452A OPI120TX SBR10 MRF898D ML720J8S
Product Description
Full Text Search
 

To Download 2SB656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB656
DESCRIPTION With TO-3 package High power dissipation APPLICATIONS For use in power amplifier applications
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg

PARAMETER Open base
CONDITIONS Open emitter
Collector-base voltage Collector-emitter voltage
HAN INC
Emitter-base voltage Collector current Base current
SEM GE
OND IC
TOR UC
VALUE -160 -160 -5 -12 -4
UNIT V V V A A W ae ae
Open collector
Collector power dissipation Junction temperature Storage temperature
TC=25ae
125 150 -55~150
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB656
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP. MAX UNIT
SYMBOL
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA ;IB=0
-160
V
V(BR)CBO
Collector-base breakdown voltage
IC=-1mA ;IE=0
-160
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-1mA ;IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-10A; IB=-1A
-3.0
V
ICBO
Collector cut-off current
VCB=-160V; IE=0
-0.1
mA
IEBO
Emitter cut-off current
hFE
fT
DC current gain

C
VEB=-5V; IC=0
-0.1
mA
IC=-1A ; VCE=-5V
60
Transition frequency
hFE Classifications B 60-120
HAN INC
100-200
SEM GE
IC=-1A ; VCE=-10V
OND IC
TOR UC
200 20
MHz
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB656
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X